Part Number Hot Search : 
PCD3352A 2N6326 A3260 ZL9117M RM601 MPS22 MP4575 PA2020A
Product Description
Full Text Search
 

To Download HY57V161610DTC-6I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HY57V161610D
2 B a n k s x 5 1 2 K x 1 6 B it S y n c h r o n o u s D R A M
DESCRIPTION
THE Hynix HY57V161610D is a 16,777,216-bits CMOS Synchronous DRAM, ideally suited for the Mobile applications which require low power consumption and industrial temperature range. HY57V161610D is organized as 2banks of 524,288x16. HY57V161610D is offering fully synchronous operation referenced to a positive edge clock. All inputs and outputs are synchronized with the rising edge of the clock input. The data paths are internally pipelined to achieve very high bandwidth. All input and output voltage levels are compatible with LVTTL. Programmable options include the length of pipeline (Read latency of 1,2 or 3), the number of consecutive read or write cycles initiated by a single control command (Burst length of 1,2,4,8 or full page), and the burst count sequence(sequential or interleave). A burst of read or write cycles in progress can be terminated by a burst terminate command or can be interrupted and replaced by a new burst read or write command on any cycle. (This pipeline design is not restricted by a 2N rule.)
FEATURES
* * * Single 3.0V to 3.6V power supply
Note1)
* * *
Auto refresh and self refresh 4096 refresh cycles / 64ms Programmable Burst Length and Burst Type - 1, 2, 4, 8 and Full Page for Sequence Burst
All device pins are compatible with LVTTL interface JEDEC standard 400mil 50pin TSOP-II with 0.8mm of pin pitch
*
All inputs and outputs referenced to positive edge of system clock - 1, 2, 4 and 8 for Interleave Burst * Programmable C A S Latency ; 1, 2, 3 Clocks
* *
Data mask function by UDQM/LDQM Internal two banks operation
ORDERING INFORMATION
Part No.
HY57V161610DTC-55I HY57V161610DTC-6I HY57V161610DTC-7I HY57V161610DTC-10I
Clock Frequency
183MHz 166MHz
Organization
Interface
Package
2Banks x 512Kbits x 16 143MHz 100MHz
LVTTL
400mil 50pin TSOP II
This document is a general product description and is subject to change without notice. Hyundai Electronics does not assume any responsibility for use of circuits described. No patent licenses are implied Rev. 0.2/Aug.01
HY57V161610D
PIN CONFIGURATION
VDD DQ0 DQ1 VSSQ DQ2 DQ3 VDDQ DQ4 DQ5 VSSQ DQ6 DQ7 VDDQ LDQM WE CAS RAS CS A11 A10 A0 A1 A2 A3 VDD
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 50pin TSOP-II 400mil x 825mil 0.8mm pin pitch
50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26
VSS DQ15 DQ14 VSSQ DQ13 DQ12 VDDQ DQ11 DQ10 VSSQ DQ9 DQ8 VDDQ NC UDQM CLK CKE NC A9 A8 A7 A6 A5 A4 VSS
PIN DESCRIPTION
PIN PIN NAME DESCRIPTION The system clock input. All other inputs are referenced to the SDRAM on the rising edge of CLK. Controls internal clock signal and when deactivated, the SDRAM will be one of the states among power down, suspend or self refresh. Command input enable or mask except CLK, CKE and DQM Select either one of banks during both R A S a n d C A S activity. Row Address : RA0 ~ RA10, Column Address : CA0 ~ CA7 Auto-precharge flag : A10
CLK
Clock
CKE
Clock Enable
CS BA
Chip Select Bank Address
A0 ~ A10
Address
Row Address Strobe, RAS, CAS, W E Column Address Strobe, Write Enable LDQM, UDQM DQ0 ~ DQ15 V D D /V S S V D D Q /V S S Q NC Data Input/Output Mask Data Input/Output Power Supply/Ground Data Output Power/Ground No Connection
R A S , C A S and W E define the operation. Refer function truth table for details
DQM control output buffer in read mode and mask input data in write mode Multiplexed data input / output pin Power supply for internal circuit and input buffer Power supply for DQ No connection
Rev. 0.2/Aug.01
2
HY57V161610D
FUNCTIONAL BLOCK DIAGRAM
1Mx16 Synchronous DRAM
Self Refresh Counter
Row Addr. Latch/ Predecoder
Refresh
Refresh
Auto/Self Refresh
Interval Timer
Counter
Row Decoder
Address[0:10]
R e f . A d d r.[0:11]
512Kx16 Bank 0
Sense AMP & I/O gates Column Decoder DQ0
CLK CKE BA(A11)
Data Input/Output Buffers
Precharge Row Active
Address Register
DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15
State Machine
CS RAS CAS WE UDQM
Column Active
C o l u m n A d d r. Latch & Counter Overflow
Burst Length Counter
Column Decoder LDQM Sense AMP & I/O gates
Row Addr. Latch/Predecoder
512Kx16 Bank 1
Mode Register
Test Mode
I/O Control
Rev. 0.2/Aug.01
3
HY57V161610D
ABSOLUTE MAXIMUM RATINGS
Parameter Ambient Temperature Storage Temperature Voltage on Any Pin relative to V SS Voltage on V D D relative to V S S Short Circuit Output Current Power Dissipation S o l d e r i n g T e m p e r a t u r e *T i m e TA TS T G V IN , V O U T V DD IO S PD TS O L D E R Symbol - 40 ~ 85 -55 ~ 125 -1.0 ~ 4.6 -1.0 ~ 4.6 50 1 2 6 0 *1 0 Rating C C V V mA W C * e c S Unit
Note : Operation at above absolute maximum rating can adversely affect device reliability.
DC OPERATING CONDITION
Parameter Power Supply Voltage Input high voltage Input low voltage Symbol V DD , V DDQ V IH V IL
( T A = - 4 0 C t o 8 5 C )
Min 3.0 2.0 -0.5
Typ. 3.3 3.0 0
Max 3.6 V DD + 0.3 0.8
Unit V V V
Note 1, 2 1, 4 1, 5
Note : 1.All voltages are referenced to V S S = 0V. 2.V DD ( m i n ) i s 3 . 1 5 V w h e n H Y 5 7 V 1 6 1 6 1 0 D T C - 7 I o p e r a t e s a t C A S l a t e n c y = 2 3 . V IH ( m a x ) i s a c c e p t a b l e 4 . 6 V A C p u l s e w i d t h w i t h 1 0 n s o f d u r a t i o n . 4 . V IL ( m i n ) i s a c c e p t a b l e - 1 . 5 V A C p u l s e w i d t h w i t h 1 0 n s o f d u r a t i o n .
AC OPERATING CONDITION
Parameter AC input high / low level voltage
( T A = - 4 0 C t o 8 5 C , V D D = 3 . 0 V t o 3 . 6 V , V S S = 0 V )
Symbol V IH / V IL Vtrip tR / tF Voutref CL
Value 2.4/0.4 1.4 1 1.4 30
Unit V V ns V pF
Note
Input timing measurement reference level voltage Input rise / fall time Output timing measurement reference level Output load capacitance for access time measurement
1
Note : 1. Output load to measure access times is equivalent to two TTL gates and one capacitance(30pF). For details, refer to AC/DC output load circuit. 2. V DD ( m i n ) i s 3 . 1 5 V w h e n H Y 5 7 V 1 6 1 6 1 0 D T C - 7 I o p e r a t e s a t C A S l a t e n c y = 2 a n d t C K 2 = 8 . 9 n s
Rev. 0.2/Aug.01
4
HY57V161610D
CAPACITANCE
Parameter CLK Input capacitance A0 ~ A10, BA C K E , C S, R A S , C A S, W E , U D Q M , L D Q M Data input / output capacitance DQ0 ~ DQ15 C I/O 4 6.5 pF ( T A = 2 5 C , f = 1 M H z )
Pin
Symbol CI1 CI2
Min 2.5 2.5
Max 4 5
Unit pF pF
OUTPUT LOAD CIRCUIT
V t t= 1 . 4 V
R T=250
Output
Output
3 0p F
3 0p F
DC Output Load Circuit
AC Output Load Circuit
DC CHARACTERISTICS I
Parameter Power Supply Voltage Input leakage current Output leakage current Output high voltage Output low voltage V DD IL IO VOH VOL
( T A = - 4 0 C t o 8 5 C )
Symbol
Min. 3.0 -1 -1 2.4 -
Max 3.6 1 1 0.4
Unit V uA uA V V
Note 1 2 3 IO H = - 4 m A IO L = + 4 m A
Note : 1.V DD ( m i n ) i s 3 . 1 5 V w h e n H Y 5 7 V 1 6 1 6 1 0 D T C - 7 I o p e r a t e s a t C A S l a t e n c y = 2 a n d t C K 2 = 8 . 9 n s . 2 . V IN = 0 t o 3 . 6 V , A l l o t h e r p i n s a r e n o t u n d e r t e s t = 0 V 3.D O U T is disabled, V O U T =0 to 3.6V
Rev. 0.2/Aug.01
5
HY57V161610D
DC CHARACTERISTICS II
( T A = - 4 0 C t o 8 5 C , V D D = 3 . 0 V t o 3 . 6 V , V S S = 0 V Note1,2)
Speed Parameter Symbol Test Condition -55I Burst Length=1, One bank active Operating Current ID D 1 tRAS tRAS(min),tRP tRP(min), IO=0mA ID D 2 P C K E VIL(max), tCK = min. C K E VIL(max), tCK = C K E VIH(min), C S VIH(min), tCK = min Precharge Standby Current in non power down mode ID D 2 N S C K E VIH(min), tCK = Input signals are stable. C K E VIL(max), tCK = min C K E VIL(max), tCK = C K E VIH(min), C S VIH(min), tCK = min Active Standby Current in non power down mode ID D 3 N S ID D 3 N Input signals are changed one time during 2CLKs. All other pins V D D 0.2V or 0.2V C K E VIH(min), tCK = Input signals are stable t C K tCK(min), Burst Mode Operating Current IDD4 tRAS tRAS(min), IO=0mA All banks active CL=2 110 110 110 CL=3 130 120 50 mA 15 ID D 2 N Input signals are changed one time during 2Clks. All other pins VDD-0.2V or 0.2V 20 mA 1 mA ID D 2 P S 1 130 120 110 110 mA -6I -7I -10I Unit Note
Precharge Standby Current in power down mode
ID D 3 P Active Standby Current in power down mode ID D 3 P S
30 mA 30
30
110
90 mA 2
Auto Refresh Current Self Refresh Current
ID D 5 ID D 6
t R R C tRRC(min), All banks active C K E 0.2V
130
110 2
110
110
mA mA
Note : 1.V DD ( m i n ) i s 3 . 1 5 V w h e n H Y 5 7 V 1 6 1 6 1 0 D T C - 7 I o p e r a t e s a t C A S l a t e n c y = 2 a n d t C K 2 = 8 . 9 n s . 2.ID D 1 a n d I DD4 depend on output loading and cycle rates. Specified values are measured with the output open.
Rev. 0.2/Aug.01
6
HY57V161610D
AC CHARACTERISTICS
( T A = - 4 0 C t o 8 5 C , V D D = 3 . 0 V t o 3 . 6 V , V S S = 0 V Note1,2)
-55I Parameter Symbol Min CL=3 CL=2 tCK3 tCK2 tCHW tCLW tAC3 tAC2 tOH tDS tDH tAS tAH tCKS tCKH tCS tCH 2 1.5 1 1.5 1 1.5 1 1.5 1 5.5 2 2 5 Max Min 6 10 2 2 2 1.5 1 1.5 1 1.5 1 1.5 1
-6I Max 5.5 6 Min 7 10 2.5 2.5 2.5 1.75 1 1.75 1 1.75 1 1.75 1
-7I Max 6 6 Min 10 12 3 3 2.5 2.5 1 2.5 1 2.5 1 2.5 1
-10I Unit Max ns 7 ns 7 ns ns ns ns ns ns ns ns ns 3 3 3 3 3 3 3 3 2 ns ns 2 3 3 Note
System clock cycle time
Clock high pulse width Clock low pulse width CL=3 CL=2
Access time from clock
Data-out hold time Data-Input setup time Data-Input hold time Address setup time Address hold time CKE setup time CKE hold time Command setup time Command hold time CLK to data output in low Ztime CLK to data output in high Ztime
tOLZ
2
2
-
2
-
2
-
ns
tOHZ
2
5.5
2
6
2
7
3
10
ns
Note :
1.V DD ( m i n ) i s 3 . 1 5 V w h e n H Y 5 7 V 1 6 1 6 1 0 D T C - 7 I o p e r a t e s a t C A S l a t e n c y = 2 a n d t C K 2 = 8 . 9 n s . 2.tCK2 is 8.9ns only when tAC2 is 7.9ns in HY57V161610DTC-6I and HY57V161610DTC-7I. 3.Assume tR / tF (input rise and fall time ) is 1ns.
Rev. 0.2/Aug.01
7
HY57V161610D
AC CHARACTERISTICS
( T A = - 4 0 C t o 8 5 C , V D D = 3 . 0 V t o 3 . 6 V , V S S = 0 V Note1,2) )
-55I Paramter Symbol Min Operation R A S cycle time Auto Refresh R A S to C A S delay R A S active time R A S precharge time R A S to R A S bank active delay C A S to C A S bank active delay Write command to data-in delay Data-in to precharge command Data-in to active command DQM to data-in Hi-Z DQM to data mask MRS to new command Precharge to data output Hi-Z Power down exit time Self refresh exit time Refresh Time tRRC tRCD tRAS tRP tRRD tCCD tWTL tDPL tDAL tDQZ tDQM tMRD tPROZ tPDE tSRE tREF 55 16.5 38.5 3 2 1 0 1 4 2 0 2 3 1 1 64 100K 60 18 40 3 2 1 0 1 4 2 0 2 3 1 1 64 tRC 55 Max Min 60
-6I Max 100K Min 70 70 20 45 3 2 1 0 1 4 2 0 2 3 1 1 64
-7I Max 100K Min 70 80 20 45 2 2 1 0 1 3 2 0 2 3 1 1 64
-10I Unit Max 100K ns ns ns ns CLK CLK CLK CLK CLK CLK CLK CLK CLK CLK CLK CLK ms 2 Note
Note : 1. V DD ( m i n ) i s 3 . 1 5 V w h e n H Y 5 7 V 1 6 1 6 1 0 D T C - 7 I o p e r a t e s a t C A S l a t e n c y = 2 a n d t C K 2 = 8 . 9 n s . 2. A new command can be given tRRC after self refresh exit.
Rev. 0.2/Aug.01
8
HY57V161610D
DEVICE OPERATING OPTION TABLE
HY57V161610DTC-55I
C A S Latency 183MHz 166MHz 3CLKs 3CLKs
tRCD 3CLKs 3CLKs
tRAS 7CLKs 7CLKs
tRC 10CLKs 10CLKs
tRP 3CLKs 3CLKs
tAC 5ns 5.5ns
tOH 2ns 2ns
HY57V161610DTC-6I
C A S Latency 166MHz 143MHz 3CLKs 3CLKs
tRCD 3CLKs 3CLKs
tRAS 7CLKs 7CLKs
tRC 10CLKs 10CLKs
tRP 3CLKs 3CLKs
tAC 5.5ns 5.5ns
tOH 2ns 2.5ns
HY57V161610DTC-7I
C A S Latency 143MHz 100MHz 3CLKs 2CLKs
tRCD 3CLKs 2CLKs
tRAS 7CLKs 5CLKs
tRC 10CLKs 7CLKs
tRP 3CLKs 2CLKs
tAC 5.5ns 7ns
tOH 2.5ns 2.5ns
HY57V161610DTC-10I
C A S Latency 100MHz 83MHz 3CLKs 2CLKs
tRCD 2CLKs 2CLKs
tRAS 5CLKs 4CLKs
tRC 7CLKs 6CLKs
tRP 2CLKs 2CLKs
tAC 7ns 7ns
tOH 2.5ns 2.5ns
Rev. 0.2/Aug.01
9
HY57V161610D
COMMAND TRUTH TABLE
A10/ AP OP code
Command
CKEn-1
CKEn
CS
RAS
CAS
WE
DQM
A 0~ A 9
BA
Note
Mode Register Set
H
X
L H
L X H L
L X H H
L X
X
No Operation
H
X L H H
X
X
Bank Active Read
H
X
L
X
Row Address L
V
H Read with Auto precharge Write H Write with Auto precharge Precharge All Bank H Precharge selected Bank Burst Stop U/LDQM Auto Refresh H H H
X
L
H
L
H
X
Column Address
V H L V H H X V
X
L
H
L
L
X
Column Address
X
L
L
H
L
X
X L
X
L
H X
H
L
X V
X X X A9 Pin High (Other Pins OP code)
H
L
L
L
H
X
Burst-READ-Single-WRITE
H
X
L
L
L
L
X
Entry Self Refresh1 Exit
H
L
L H
L X H X H X H X V X
L X H X H X H X V
H X
X X X
L
H L H H X
Entry Precharge power down Exit
H
L L H H
X X X X L H H X X L V X X
L
H
Entry Clock Suspend Exit
H
L
L
H
Note : 1. Exiting Self Refresh occurs by asynchronously bringing CKE from low to high. 2. X=Do not care, L=Low, H=High, BA=Bank Address, RA= Row Address, CA=Column Address, Opcode=Operand Code, NOP=No Operation.
Rev. 0.2/Aug.01
10
HY57V161610D
PACKAGE INFORMATION 400mil 50pin Thin Small Outline Package (TC)
1Mx16 Synchronous DRAM UNIT : INCH (mm)
V D D V S D D V D D D V S D D V L D D C R A A
D Q Q S Q Q D Q Q S Q Q D Q W A A C 1 1 A A A A
D 0 1 Q 2 3 Q 4 5 Q 6 7 Q M E S S S 1 0 0 1 2 3 D 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2
1 2 3 4 5 6 7 8 9 0 1 2 3 4 5 6 7 8 9 0 1 2 3 4 5 50pin TSOP-II 400mil x 825mil 0.8mm pin pitch
5 4 4 4 4 4 4 4 4 4 4 3 3 3 3 3 3 3 3 3 3 2 2 2 2
0 9 8 7 6 5 4 3 2 1 0 9 8 7 6 5 4 3 2 1 0 9 8 7 6
V D D V D D V D D V D D V N U C C N A A A A A A V
S Q Q S Q Q D Q Q S Q Q D C D L K C 9 8 7 6 5 4 S
S 1 1 S 1 1 D 1 1 S 9 8 D Q K E Q M 5 4 Q 3 2 Q 1 0 Q
V
D
S
Rev. 0.2/Aug.01
11


▲Up To Search▲   

 
Price & Availability of HY57V161610DTC-6I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X